Part Number Hot Search : 
Z2SMA16 SA120A MSS12 BR358 MRF24J4 AT24LC02 SIG60 Z1SMA33
Product Description
Full Text Search
 

To Download 74HC4067 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Rev. 03 -- 15 October 2007 Product data sheet
1. General description
The 74HC4067; 74HCT4067 is a high-speed Si-gate CMOS device and is pin compatible with the HEF4067B. The device is specified in compliance with JEDEC standard no. 7A. The 74HC4067; 74HCT4067 is a 16-channel analog multiplexer/demultiplexer with four address inputs (S0 to S3), an active-LOW enable input (E), sixteen independent inputs/outputs (Y0 to Y15) and a common input/output (Z). The 74HC4067; 74HCT4067 contains sixteen bidirectional analog switches, each with one side connected to an independent input/output (Y0 to Y15) and the other side connected to a common input/output (Z). With pin E = LOW, one of the sixteen switches is selected by pins S0 to S3 (low impedance ON-state). All unselected switches are in the high-impedance OFF-state. With pin E = HIGH, all switches are in the high-impedance OFF-state, independent of pins S0 to S3. The analog inputs/outputs (Y0 to Y15, and Z) can swing between VCC as a positive limit and GND as a negative limit. VCC to GND may not exceed 10 V.
2. Features
I Low ON resistance: N 80 (typical) at VCC = 4.5 V N 70 (typical) at VCC = 6.0 V N 60 (typical) at VCC = 9.0 V I Typical `break before make' built-in
3. Applications
I Analog multiplexing and demultiplexing I Digital multiplexing and demultiplexing I Signal gating
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
4. Ordering information
Table 1. Ordering information Package Temperature range Name 74HC4067 74HC4067N 74HC4067D 74HC4067DB 74HC4067PW 74HC4067BQ -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C DIP24 SO24 SSOP24 TSSOP24 plastic dual in-line package; 24 leads (600 mil); reverse bending plastic small outline package; 24 leads; body width 7.5 mm plastic shrink small outline package; 24 leads; body width 5.3 mm plastic thin shrink small outline package; 24 leads; body width 4.4 mm SOT101-1 SOT137-1 SOT340-1 SOT355-1 SOT815-1 Description Version Type number
DHVQFN24 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 24 terminals; body 3.5 x 5.5 x 0.85 mm DIP24 SO24 SSOP24 TSSOP24 plastic dual in-line package; 24 leads (600 mil); reverse bending plastic small outline package; 24 leads; body width 7.5 mm plastic shrink small outline package; 24 leads; body width 5.3 mm plastic thin shrink small outline package; 24 leads; body width 4.4 mm
74HCT4067 74HCT4067N 74HCT4067D 74HCT4067DB 74HCT4067PW 74HCT4067BQ -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C SOT101-1 SOT137-1 SOT340-1 SOT355-1 SOT815-1
DHVQFN24 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 24 terminals; body 3.5 x 5.5 x 0.85 mm
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
2 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
5. Functional diagram
10 11 14 13
0 16 x 3 G16 0 15
9 S0 S1 S2 S3 10 11 14 13 8 7 6 5 4 3 2 23 22 21 20 19 18 17 E 15 1 Z 16
Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Y10 Y11 Y12 Y13 Y14 Y15
15
1
MUX/DMUX 9 0 8 1 7 2 6 3 5 4 4 5 3 6 2 7 23 8 22 9 21 10 20 11 19 12 18 13 17 14 16 15
001aag726
001aag725
Fig 1. Logic symbol
Fig 2. IEC logic symbol
Yn
VCC
VCC
Z from logic GND
001aag729
Fig 3. Schematic diagram (one switch)
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
3 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
9 Y0 8 Y1 S0 10 7 Y2 6 Y3 S1 11 5 Y4 4 Y5 S2 14 3 Y6 2 Y7 S3 13 1-OF-16 DECODER 23 Y8 22 Y9 21 Y10 20 Y11 19 Y12 18 Y13 17 Y14 E 15 16 Y15
1Z
001aag727
Fig 4. Functional diagram
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
4 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Y0
Y1
Y2
Y3
Y4 S0 Y5
Y6
Y7 S1 Y8
Y9
Y10 S2 Y11
Y12
Y13 S3 Y14
Y15 E Z
001aag728
Fig 5. Logic diagram
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
5 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
6. Pinning information
6.1 Pinning
74HC4067 74HCT4067
terminal 1 index area 24 VCC 23 Y8 22 Y9 21 Y10 20 Y11 19 Y12 18 Y13 17 Y14 16 Y15 15 E 14 S2 13 S3
001aag730
Z Y7 Y6 Y5 Y4 Y3 Y2 Y1 Y0
1 2 3 4 5 6 7 8 9
Y7 Y6 Y5 Y4 Y3 Y2 Y1 Y0
2 3 4 5 6 7 8 9 VCC(1) GND 12 S3 13
24 VCC 23 Y8 22 Y9 21 Y10 20 Y11 19 Y12 18 Y13 17 Y14 16 Y15 15 E 14 S2
S0 10 S1 11 GND 12
S0 10 S1 11
1
Z
74HC4067 74HCT4067
001aag731
Transparent top view
(1) The die substrate is attached to this pad using conductive die attach material. It can not be used as supply pin or input.
Fig 6. Pin configuration for DIP24, SO24, SSOP24 and TSSOP24
Fig 7. Pin configuration for DHVQFN24
6.2 Pin description
Table 2. Symbol Z Y7 Y6 Y5 Y4 Y3 Y2 Y1 Y0 S0 S1 GND S3 S2
74HC_HCT4067_3
Pin description Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Description common input/output independent input/output 7 independent input/output 6 independent input/output 5 independent input/output 4 independent input/output 3 independent input/output 2 independent input/output 1 independent input/output 0 address input 0 address input 1 ground (0 V) address input 3 address input 2
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
6 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Table 2. Symbol E Y15 Y14 Y13 Y12 Y11 Y10 Y9 Y8 VCC
Pin description ...continued Pin 15 16 17 18 19 20 21 22 23 24 Description enable input (active LOW) independent input/output 15 independent input/output 14 independent input/output 13 independent input/output 12 independent input/output 11 independent input/output 10 independent input/output 9 independent input/output 8 supply voltage
7. Functional description
Table 3. Inputs E L L L L L L L L L L L L L L L L H
[1]
Function table[1] Channel ON S3 L L L L L L L L H H H H H H H H X S2 L L L L H H H H L L L L H H H H X S1 L L H H L L H H L L H H L L H H X S0 L H L H L H L H L H L H L H L H X Y0 to Z Y1 to Z Y2 to Z Y3 to Z Y4 to Z Y5 to Z Y6 to Z Y7 to Z Y8 to Z Y9 to Z Y10 to Z Y11 to Z Y12 to Z Y13 to Z Y14 to Z Y15 to Z -
H = HIGH voltage level; L = LOW voltage level; X = don't care.
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
7 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
8. Limiting values
Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC IIK ISK ISW ICC IGND Tstg Ptot Parameter supply voltage input clamping current switch clamping current switch current supply current ground current storage temperature total power dissipation Tamb = -40 C to +125 C DIP24 package SO24 package SSOP24 package TSSOP24 package DHVQFN24 package P
[1]
[2] [3] [4] [4] [5]
Conditions
[1]
Min -0.5 -65 -
Max +11.0 20 20 25 50 -50 +150 750 500 500 500 500 100
Unit V mA mA mA mA mA C mW mW mW mW mW mW
VI < -0.5 V or VI > VCC + 0.5 V VSW < -0.5 V or VSW > VCC + 0.5 V VSW = -0.5 V to (VCC + 0.5 V)
power dissipation
per switch
To avoid drawing VCC current out of terminal Z, when switch current flows in terminals Yn, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminal Z, no VCC current will flow out of terminals Yn. In this case there is no limit for the voltage drop across the switch, but the voltages at Yn and Z may not exceed VCC or GND. For DIP24 package: Ptot derates linearly with 12 mW/K above 70 C. For SO24 package: Ptot derates linearly with 8 mW/K above 70 C. For SSOP24 and TSSOP24 packages: Ptot derates linearly with 5.5 mW/K above 60 C. For DHVQFN24 package: Ptot derates linearly with 4.5 mW/K above 60 C.
[2] [3] [4] [5]
9. Recommended operating conditions
Table 5. Symbol 74HC4067 VCC VI VSW tr supply voltage input voltage switch voltage rise time VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 10.0 V tf fall time VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 10.0 V Tamb
74HC_HCT4067_3
Recommended operating conditions Parameter Conditions Min 2.0 GND GND -40 Typ 5.0 6.0 6.0 +25 Max 10.0 VCC VCC 1000 500 400 250 1000 500 400 250 +125 Unit V V V ns ns ns ns ns ns ns ns C
ambient temperature
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
8 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Table 5. Symbol VCC VI VSW tr tf Tamb
Recommended operating conditions ...continued Parameter supply voltage input voltage switch voltage rise time fall time ambient temperature VCC = 4.5 V VCC = 4.5 V Conditions Min 4.5 GND GND -40 Typ 5.0 6.0 6.0 +25 Max 5.5 VCC VCC 500 500 +125 Unit V V V ns ns C
74HCT4067
10. Static characteristics
Table 6. RON resistance per switch for types 74HC4067 and 74HCT4067 VI = VIH or VIL; for test circuit see Figure 8. Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input. Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output. For 74HC4067: VCC - GND = 2.0 V, 4.5 V, 6.0 V and 9.0 V. For 74HCT4067: VCC - GND = 4.5 V. Symbol Parameter Conditions Typ RON(peak) ON resistance (peak) Vis = VCC to GND VCC = 2.0 V; ISW = 100 A VCC = 4.5 V; ISW = 1000 A VCC = 6.0 V; ISW = 1000 A VCC = 9.0 V; ISW = 1000 A RON(rail) ON resistance (rail) Vis = GND or VCC VCC = 2.0 V; ISW = 100 A VCC = 4.5 V; ISW = 1000 A VCC = 6.0 V; ISW = 1000 A VCC = 9.0 V; ISW = 1000 A RON ON resistance mismatch Vis = VCC to GND between channels VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V
[1]
[1] [1] [1]
25 C Max
-40 C to +125 C Unit Max Max (85 C) (125 C) 225 200 165 200 175 150 270 240 195 240 210 180
110 95 75 150 90 80 70 9 8 6
180 160 130 160 140 120 -
At supply voltages (VCC - GND) approaching 2 V, the analog switch ON resistance becomes extremely non-linear. Therefore it is recommended that these devices be used to transmit digital signals only, when using these supply voltages.
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
9 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
110 RON () VSW VCC E Yn GND Z 50
Vis ISW (3) (1)
mnb047
90
70
VIL
(2)
30
001aag733
10 0 1.8 3.6 5.4 7.2 Vis (V) 9.0
Vis = 0 V to (VCC - GND)
Vis = 0 V to (VCC - GND) (1) VCC = 4.5 V (2) VCC = 6.0 V (3) VCC = 9.0 V
V SW R ON = ---------I SW Fig 8. Test circuit for measuring RON
Fig 9. Typical RON as a function of input voltage Vis
Table 7. Static characteristics 74HC4067 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input. Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output. Symbol VIH Parameter HIGH-level input voltage Conditions VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V VIL LOW-level input voltage VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V II input leakage current VI = VCC or GND VCC = 6.0 V VCC = 10.0 V IS(OFF) OFF-state leakage current VCC = 10.0 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 10 per channel all channels IS(ON) ON-state leakage current VCC = 10.0 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 11 0.1 0.8 0.8 A A A 0.1 0.2 A A Min 1.5 3.15 4.2 6.3 Typ 1.2 2.4 3.2 4.7 0.8 2.1 2.8 4.3 Max 0.5 1.35 1.80 2.70 Unit V V V V V V V V Tamb = 25 C
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
10 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Table 7. Static characteristics 74HC4067 ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input. Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output. Symbol ICC Parameter supply current Conditions VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND VCC = 6.0 V VCC = 10.0 V CI VIH input capacitance HIGH-level input voltage VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V VIL LOW-level input voltage VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V II input leakage current VI = VCC or GND VCC = 6.0 V VCC = 10.0 V IS(OFF) OFF-state leakage current VCC = 10.0 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 10 per channel all channels IS(ON) ICC ON-state leakage current supply current VCC = 10.0 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 11 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND VCC = 6.0 V VCC = 10.0 V Tamb = -40 C to +125 C VIH HIGH-level input voltage VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V VIL LOW-level input voltage VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V II input leakage current VI = VCC or GND VCC = 6.0 V VCC = 10.0 V 1.0 2.0 A A 1.5 3.15 4.2 6.3 0.50 1.35 1.80 2.70 V V V V V V V V 80.0 160 A A 1.0 8.0 8.0 A A A 1.0 2.0 A A Tamb = -40 C to +85 C 1.5 3.15 4.2 6.3 0.50 1.35 1.80 2.70 V V V V V V V V 3.5 8.0 16.0 A A pF Min Typ Max Unit
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
11 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Table 7. Static characteristics 74HC4067 ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input. Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output. Symbol IS(OFF) Parameter OFF-state leakage current Conditions VCC = 10.0 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 10 per channel all channels IS(ON) ICC ON-state leakage current supply current VCC = 10.0 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 11 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND VCC = 6.0 V VCC = 10.0 V Table 8. Static characteristics 74HCT4067 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input. Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output. Symbol VIH VIL II IS(OFF) Parameter HIGH-level input voltage LOW-level input voltage input leakage current OFF-state leakage current Conditions VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V VI = VCC or GND; VCC = 5.5 V VCC = 5.5 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 10 per channel all channels IS(ON) ICC ICC ON-state leakage current supply current additional supply current VCC = 5.5 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 11 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND; VCC = 4.5 V to 5.5 V per input pin; VI = VCC - 2.1 V; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V pin E pin Sn CI VIH VIL II IS(OFF) input capacitance HIGH-level input voltage LOW-level input voltage input leakage current OFF-state leakage current VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V VI = VCC or GND; VCC = 5.5 V VCC = 5.5 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 10 per channel all channels 1.0 8.0 A A Tamb = -40 C to +85 C 2.0 0.8 1.0 V V A 60 50 3.5 216 180 A A pF 0.1 0.8 0.8 8.0 A A A A Min 2.0 Typ 1.6 1.2 Max 0.8 0.1 Unit V V A Tamb = 25 C 160 320 A A 1.0 8.0 8.0 A A A Min Typ Max Unit
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
12 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Table 8. Static characteristics 74HCT4067 ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input. Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output. Symbol IS(ON) ICC ICC Parameter ON-state leakage current supply current additional supply current Conditions VCC = 5.5 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 11 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND; VCC = 4.5 V to 5.5 V per input pin; VI = VCC - 2.1 V; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V pin E pin Sn Tamb = -40 C to +125 C VIH VIL II IS(OFF) HIGH-level input voltage LOW-level input voltage input leakage current OFF-state leakage current VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V VI = VCC or GND; VCC = 5.5 V VCC = 5.5 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 10 per channel all channels IS(ON) ICC ICC ON-state leakage current supply current additional supply current VCC = 5.5 V; VI = VIH or VIL; |VSW| = VCC - GND; see Figure 11 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND; VCC = 4.5 V to 5.5 V per input pin; VI = VCC - 2.1 V; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V pin E pin Sn 294 245 A A 1.0 8.0 8.0 160 A A A A 2.0 0.8 1.0 V V A 270 225 A A Min Typ Max 8.0 80.0 Unit A A
VCC E ISW
Vis
VCC E Z Yn Vos
VIH
VIL Z GND ISW
Vos
Yn
ISW
Vis
GND
001aag734 001aag735
Vis = VCC and Vos = GND Vis = GND and Vos = VCC
Vis = VCC and Vos = open Vis = GND and Vos = open
Fig 10. Test circuit for measuring OFF-state leakage current
Fig 11. Test circuit for measuring ON-state leakage current
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
13 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
11. Dynamic characteristics
Table 9. Dynamic characteristics 74HC4067 GND = 0 V; tr = tf = 6 ns; CL = 50 pF unless specified otherwise; for test circuit see Figure 14. Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input. Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output. Symbol Parameter Conditions Typ tpd propagation delay Yn to Z; see Figure 12 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V Z to Yn VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V toff turn-off time E to Yn; see Figure 13 VCC = 2.0 V VCC = 4.5 V VCC = 5.0 V; CL = 15 pF VCC = 6.0 V VCC = 9.0 V Sn to Yn VCC = 2.0 V VCC = 4.5 V VCC = 5.0 V; CL = 15 pF VCC = 6.0 V VCC = 9.0 V E to Z VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V Sn to Z VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V 94 34 27 25 290 58 47 45 365 73 62 56 435 87 74 68 ns ns ns ns 85 31 25 24 275 55 47 42 345 69 59 53 415 83 71 63 ns ns ns ns 83 30 29 24 21 250 50 43 38 315 63 54 48 375 75 64 57 ns ns ns ns ns
[3] [1][2]
25 C Max
-40 C to +125 C Unit Max Max (85 C) (125 C) 95 19 16 11 75 15 13 10 315 63 54 48 110 22 19 14 90 18 15 12 375 75 64 57 ns ns ns ns ns ns ns ns ns ns ns ns ns
25 9 7 5 18 6 5 4 74 27 27 22 20
75 15 13 9 60 12 10 8 250 50 43 38
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
14 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Table 9. Dynamic characteristics 74HC4067 ...continued GND = 0 V; tr = tf = 6 ns; CL = 50 pF unless specified otherwise; for test circuit see Figure 14. Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input. Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output. Symbol Parameter Conditions Typ ton turn-on time E to Yn; see Figure 13 VCC = 2.0 V VCC = 4.5 V VCC = 5.0 V; CL = 15 pF VCC = 6.0 V VCC = 9.0 V Sn to Yn VCC = 2.0 V VCC = 4.5 V VCC = 5.0 V; CL = 15 pF VCC = 6.0 V VCC = 9.0 V E to Z VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V Sn to Z VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V CPD power dissipation capacitance
tpd is the same as tPHL and tPLH. Due to higher Z terminal capacitance (16 switches versus 1) the delay figures to the Z terminal are higher than those to the Y terminal. ton is the same as tPHZ and tPLZ. toff is the same as tPZH and tPZL. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi + {(CL + Csw) x VCC2 x fo} where: fi = input frequency in MHz; fo = output frequency in MHz; {(CL + Csw) x VCC2 x fo} = sum of outputs; CL = output load capacitance in pF; Csw = switch capacitance in pF; VCC = supply voltage in V.
[4]
25 C Max
-40 C to +125 C Unit Max Max (85 C) (125 C) 345 69 59 53 375 75 64 56 345 69 59 53 375 75 64 56 415 83 71 63 450 90 77 68 415 83 71 63 450 90 77 68 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns pF
80 29 26 23 17 88 32 29 26 18 85 31 25 18 94 34 27 19
[5]
275 55 47 42 300 60 51 45 275 55 47 42 300 60 51 45 29
per switch; VI = GND to VCC
-
[1] [2] [3] [4] [5]
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
15 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Table 10. Dynamic characteristics 74HCT4067 GND = 0 V; tr = tf = 6 ns; CL = 50 pF unless specified otherwise; for test circuit see Figure 14. Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input. Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output. Symbol Parameter Conditions Typ tpd propagation delay Yn to Z; see Figure 12 VCC = 4.5 V Z to Yn VCC = 4.5 V toff turn-off time E to Yn; see Figure 13 VCC = 4.5 V VCC = 5.0 V; CL = 15 pF Sn to Yn VCC = 4.5 V VCC = 5.0 V; CL = 15 pF E to Z VCC = 4.5 V Sn to Z VCC = 4.5 V ton turn-on time E to Yn; see Figure 13 VCC = 4.5 V VCC = 5.0 V; CL = 15 pF Sn to Yn VCC = 4.5 V VCC = 5.0 V; CL = 15 pF E to Z VCC = 4.5 V Sn to Z VCC = 4.5 V CPD power dissipation capacitance per switch; VI = GND to (VCC - 1.5 V)
[5] [4] [3] [1][2]
25 C Max
-40 C to +125 C Unit Max Max (85 C) (125 C) 19 15 69 69 75 75 75 75 81 81 22 18 83 83 90 90 90 90 98 98 ns ns ns ns ns ns ns ns ns ns ns ns ns ns pF
9 6 26 26 31 30 30 35 32 32 35 33 38 38 -
15 12 55 55 60 60 60 60 65 65 29
[1] [2] [3] [4] [5]
tpd is the same as tPHL and tPLH. Due to higher Z terminal capacitance (16 switches versus 1) the delay figures to the Z terminal are higher than those to the Y terminal. ton is the same as tPHZ and tPLZ. toff is the same as tPZH and tPZL. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi + {(CL + Csw) x VCC2 x fo} where: fi = input frequency in MHz; fo = output frequency in MHz; {(CL + Csw) x VCC2 x fo} = sum of outputs; CL = output load capacitance in pF; Csw = switch capacitance in pF; VCC = supply voltage in V.
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
16 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
12. Waveforms
Vis input
50 %
tPLH
tPHL
Vos output
50 %
001aad555
Fig 12. Input (Vis) to output (Vos) propagation delays
VI E, Sn inputs 0V tPLZ tPZL VM
Vos output 10 % tPHZ 90 % Vos output tPZH
50 %
50 %
switch ON
switch OFF
switch ON
001aad556
Measurement points are shown in Table 11.
Fig 13. Turn-on and turn-off times Table 11. Type 74HC4067 74HCT4067 Measurement points VI VCC 3.0 V VM 0.5VCC 1.3 V
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
17 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
VI negative pulse 0V
tW 90 % VM 10 % tf tr tr tf 90 % VM 10 % tW VM VM
VI positive pulse 0V
VCC Vis PULSE GENERATOR VI DUT
RT CL
VCC Vos
RL S1
open
GND
001aag732
Test data is given in Table 12. Definitions test circuit: RT = Termination resistance should be equal to output impedance Zo of the pulse generator. CL = Load capacitance including jig and probe capacitance. RL = Load resistor. S1 = Test selection switch.
Fig 14. Load circuitry for measuring switching times Table 12. Test Test data Input Control E VI[1] tPHL, tPLH tPHZ, tPZH tPLZ, tPZL
[1]
Output Address Sn VI[1] GND or VCC GND to VCC GND to VCC Switch Yn (Z) tr, tf Vis GND to VCC VCC GND 6 ns 6 ns 6 ns Switch Z (Yn) CL 50 pF 50 pF, 15 pF 50 pF, 15 pF RL 1 k 1 k
S1 position
GND GND to VCC GND to VCC
open GND VCC
For 74HCT4067: maximum input voltage VI = 3.0 V.
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
18 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
13. Additional dynamic characteristics
Table 13. Additional dynamic characteristics Recommended conditions and typical values; GND = 0 V; Tamb = 25 C. Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input. Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output. Symbol Parameter THD total harmonic distortion Conditions RL = 10 k; CL = 50 pF; see Figure 15 fi = 1 kHz VCC = 4.5 V; Vis(p-p) = 4.0 V VCC = 9.0 V; Vis(p-p) = 8.0 V fi = 10 kHz VCC = 4.5 V; Vis(p-p) = 4.0 V VCC = 9.0 V; Vis(p-p) = 8.0 V iso isolation (OFF-state) RL = 600 ; CL = 50 pF; see Figure 16 VCC = 4.5 V VCC = 9.0 V f(-3dB) -3 dB frequency response RL = 50 ; CL = 10 pF; see Figure 17 VCC = 4.5 V VCC = 9.0 V Csw switch capacitance independent pins Y common pin Z
[1] [2] Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 ). Adjust input voltage Vis to 0 dBm level at Vos for fi = 1 MHz (0 dBm = 1 mW into 50 ). After set-up, fi is increased to obtain a reading of -3 dB at Vos.
[2] [1]
Min
Typ
Max
Unit
-
0.04 0.02 0.12 0.06 -50 -50 90 100 5 45
-
% % % % dB dB MHz MHz pF pF
VCC E
10 F
VCC
2RL
VIL Vis
Yn GND
Z
Vos
2RL CL
fi
D
001aag736
Fig 15. Test circuit for measuring total harmonic distortion
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
19 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
0 iso (dB) -20
001aae332
-40
-60
-80
-100 10
102
103
104
105 fi (kHz)
106
a. Isolation (OFF-state)
VCC E
0.1 F
VCC
2RL
VIH Vis
Yn GND
Z
Vos
2RL CL
fi
dB
001aag737
b. Test circuit
VCC = 4.5 V; GND = 0 V; RL = 50 ; Rsource = 1 k.
Fig 16. Isolation (OFF-state) as a function of frequency
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
20 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
5
001aag739
Vos (dB)
0
-5 10
102
103
104
105 fi (kHz)
106
a. Typical -3 dB frequency response
VCC E Z GND VCC
2RL
VIL
Vis 0.1 F Yn
Vos
2RL CL
fi
dB
001aag738
b. Test circuit
VCC = 4.5 V; GND = 0 V; RL = 50 ; Rsource = 1 k.
Fig 17. -3 dB frequency response
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
21 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
14. Package outline
DIP24: plastic dual in-line package; 24 leads (600 mil) SOT101-1
seating plane
D
ME
A2
A
L
A1 c Z e b1 b 24 13 MH wM (e 1)
pin 1 index E
1
12
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 5.1 0.2 A1 min. 0.51 0.02 A2 max. 4 0.16 b 1.7 1.3 0.066 0.051 b1 0.53 0.38 0.021 0.015 c 0.32 0.23 0.013 0.009 D (1) 32.0 31.4 1.26 1.24 E (1) 14.1 13.7 0.56 0.54 e 2.54 0.1 e1 15.24 0.6 L 3.9 3.4 0.15 0.13 ME 15.80 15.24 0.62 0.60 MH 17.15 15.90 0.68 0.63 w 0.25 0.01 Z (1) max. 2.2 0.087
Note 1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT101-1 REFERENCES IEC 051G02 JEDEC MO-015 JEITA SC-509-24 EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-13
Fig 18. Package outline SOT101-1 (DIP24)
74HC_HCT4067_3 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
22 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
SO24: plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
D
E
A X
c y HE vMA
Z 24 13
Q A2 A1 pin 1 index Lp L 1 e bp 12 wM detail X (A 3) A
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.65 0.1 A1 0.3 0.1 A2 2.45 2.25 A3 0.25 0.01 bp 0.49 0.36 c 0.32 0.23 D (1) 15.6 15.2 0.61 0.60 E (1) 7.6 7.4 0.30 0.29 e 1.27 0.05 HE 10.65 10.00 L 1.4 Lp 1.1 0.4 Q 1.1 1.0 0.043 0.039 v 0.25 0.01 w 0.25 0.01 y 0.1 Z
(1)
0.9 0.4
0.012 0.096 0.004 0.089
0.019 0.013 0.014 0.009
0.419 0.043 0.055 0.394 0.016
0.035 0.004 0.016
8 o 0
o
Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT137-1 REFERENCES IEC 075E05 JEDEC MS-013 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
Fig 19. Package outline SOT137-1 (SO24)
74HC_HCT4067_3 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
23 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
D
E
A X
c y HE vMA
Z 24 13
Q A2 pin 1 index A1 (A 3) Lp L 1 e bp 12 wM detail X A
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2 A1 0.21 0.05 A2 1.80 1.65 A3 0.25 bp 0.38 0.25 c 0.20 0.09 D (1) 8.4 8.0 E (1) 5.4 5.2 e 0.65 HE 7.9 7.6 L 1.25 Lp 1.03 0.63 Q 0.9 0.7 v 0.2 w 0.13 y 0.1 Z (1) 0.8 0.4 8 o 0
o
Note 1. Plastic or metal protrusions of 0.2 mm maximum per side are not included. OUTLINE VERSION SOT340-1 REFERENCES IEC JEDEC MO-150 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
Fig 20. Package outline SOT340-1 (SSOP24)
74HC_HCT4067_3 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
24 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
TSSOP24: plastic thin shrink small outline package; 24 leads; body width 4.4 mm
SOT355-1
D
E
A
X
c y HE vMA
Z
24
13
Q A2 pin 1 index A1 (A 3) A
Lp L
1
e bp
12
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 7.9 7.7 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.5 0.2 8o 0o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT355-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-19
Fig 21. Package outline SOT355-1 (TSSOP24)
74HC_HCT4067_3 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
25 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
DHVQFN24: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 24 terminals; body 3.5 x 5.5 x 0.85 mm
SOT815-1
D
B
A
E
A
A1 c
detail X terminal 1 index area C terminal 1 index area 2 L 12 e1 e b 11 vMCAB wM C y1 C y
1
Eh
e2
24 13
23 Dh 0
14 X 2.5 scale 5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max. 1 A1 0.05 0.00 b 0.30 0.18 c 0.2 D (1) 5.6 5.4 Dh 4.25 3.95 E (1) 3.6 3.4 Eh 2.25 1.95 e 0.5 e1 4.5 e2 1.5 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT815-1 REFERENCES IEC --JEDEC --JEITA --EUROPEAN PROJECTION
ISSUE DATE 03-04-29
Fig 22. Package outline SOT815-1 (DHVQFN24)
74HC_HCT4067_3 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
26 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
15. Revision history
Table 14. Revision history Release date 20071015 Data sheet status Product data sheet Change notice Supersedes 74HC_HCT4067_CNV_2 Document ID 74HC_HCT4067_3 Modifications:
* * *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Added: type numbers 74HC4067BQ and 74HCT4067BQ (DHVQFN24 package). Product specification -
74HC_HCT4067_CNV_2
19970901
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
27 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
16. Legal information
16.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
16.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of a NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
16.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
16.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
17. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
74HC_HCT4067_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 15 October 2007
28 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
18. Contents
1 2 3 4 5 6 6.1 6.2 7 8 9 10 11 12 13 14 15 16 16.1 16.2 16.3 16.4 17 18 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 Pinning information . . . . . . . . . . . . . . . . . . . . . . 6 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 6 Functional description . . . . . . . . . . . . . . . . . . . 7 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 8 Recommended operating conditions. . . . . . . . 8 Static characteristics. . . . . . . . . . . . . . . . . . . . . 9 Dynamic characteristics . . . . . . . . . . . . . . . . . 14 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Additional dynamic characteristics . . . . . . . . 19 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 22 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 27 Legal information. . . . . . . . . . . . . . . . . . . . . . . 28 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 28 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 Contact information. . . . . . . . . . . . . . . . . . . . . 28 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 15 October 2007 Document identifier: 74HC_HCT4067_3


▲Up To Search▲   

 
Price & Availability of 74HC4067

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X